rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 1 (4) r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de 1w, fixed input voltage , isolated & regulated single output , dc/dc - converter patent protection r o h s ? effi ciency up to 75% ? isolation voltage: 3k vdc ? operating temperature range: - 40 to +85 ? miniature smd package ? surface mounted design ? ? s e l e c t i o n g u i d e p art no. input voltage (vdc) output effic iency (%, min./t yp.) @ full load max. capacitive load ( f) nominal (range) output voltage (vdc) output current (ma) (max./min.) rt3- 0503r 10d3wr 5 (4.75 - 5.25) 3.3 243/25 54/58 220 rt3- 0505r 10d3wr 5 2 00/20 68/72 rt3- 0512r 10d3wr 12 83/ 9 69/7 3 rt3- 0515r 10d3wr 15 67/ 7 70/74 rt3- 1205r 10d3wr 12 ( 11.4 - 12.6) 5 200/20 69/73 rt3- 1212r 10d3wr 12 83/ 9 69/73 rt3- 2405r 10d3wr 24 ( 22 .8 - 25.2) 5 200/20 69/73 rt3- 2412r 10d3wr 12 83/ 9 69/73 input specifications item operating conditions min. typ. max. unit input current (full load / no- load) 5v input -- 27 0 /15 -- ma 12v input -- 115/10 -- 24v input -- 56/7 -- surge voltage (1sec. max.) 5v input - 0.7 -- 9 vdc 12v input - 0.7 -- 18 24v input - 0.7 -- 30 reflected ripple curren t -- 15 -- ma input filter cap acitance filter output specifications item operating conditions min. typ. max. unit output voltage accuracy 100% load -- -- 3 % line regulation input voltage change: 1% -- -- 0.25 load regulation 10% - 100% load 3 .3 vdc output -- -- 3 other output -- -- 2 ripple* 20mhz bandwidth -- 10 -- mvp -p noise* -- 50 -- temperature coefficient 100% load -- -- 0.03 %/ short circuit protection co ntinuous, self- recovery note: * ripple and noise tested with paralle l cable method, please see dc - dc converter application notes for specific operation methods. features: dc/dc-converter rt3-r10d3wr 1w, fxed input voltage isolated & regulated single output we energize electronics! an acal group company we energize electronics! smd-dip 10 package ? efciency up to 75% ? isolaton voltage: 3kvdc ? operatng temperature range: -40c to +85c ? miniature smd package ? surface mounted design ? no external components ? internatonal standard pin-out ? contnuous short circuit protecton rt3-s10d3wr series is specially designed for applicatons where an isolated voltage is required in a distributed power supply system. it is suitable for: 1. where the voltage of the input power supply is stable (voltage variaton: 5%vin); 2. where isolaton is necessary between input and output (isolaton voltage 3000vdc); 3. where has high requirement of line regulaton, load regulaton and the ripple & noise of the output voltage. rohs stand juni 2016 rev 01
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 2 (4) r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de general specifications item operating conditions min. typ. max. unit isolation voltage input - output, with the test time of 1 minute and the leak current lo wer than 1ma 3000 -- -- vdc isolation resistance input - output, isolation voltage 500vdc 1000 -- -- m isolation capacitance input - output, 100khz/0.1v -- 20 -- pf operating temperature derating when operating temperature up to 71 , (see fig. 1) -40 -- 85 storage temperature -55 -- 125 casing temperature rise ta =25 -- 25 -- pin welding resista nce temperature welding spot is 1.5mm away from the casing, 10 seconds -- -- 300 reflow soldering temperature peak temp. 245 , maximum duration time 60s at 217. for actual application, please refer to ipc/jedec j - std - 020d.1. storage humidity n on - conde nsing -- -- 95 % switching frequency 100% load, nominal input voltage -- 100 300 khz mtbf mil - hdfk - 217f@25 3500 -- -- k hours physical specifications casing material black flame - retardant heat - proof epoxy resin (ul94 - v0) package dimensions 15.24* 11. 20 *7.25mm weight 2.0g( typ . ) cooling method free air convection emc specifications emi conducted disturbance cispr22/en55022 class b (see fig. 3 for recommended circuit) radiated emission cispr22/en55022 class b (see fig. 3 for recommended circuit) ems electrostatic discharge iec/en61000 -4 - 2 contact 6 kv perf. criteria b product characteristic curve 1 20 1 00 80 60 40 20 0 - 40 0 40 85 1 20 o utp ut pow e r pe rc e nt ( %) am bient te mp .( ) safe operating area temperature derating graph 71 fig. 1 if 0505xt -1 wr 2 50 55 60 65 70 75 80 85 90 95 100 4 . 75 4 . 8 4 . 9 5 5 . 1 5 . 2 5 . 25 efficie ncy(%) input volta ge (v) efficiency vs input voltage(full load) if 0505xt -1 wr 2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficie ncy(%) output curre nt pe rce nta ge(%) effic ie nc y vs output loa d(vin= v in - nomina l ) rt 3 - 0505 s 10d 3 wr rt 3 - 0505 s10 d 3 wr r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de general specifications item operating conditions min. typ. max. unit isolation voltage input - output, with the test time of 1 minute and the leak current lo wer than 1ma 3000 -- -- vdc isolation resistance input - output, isolation voltage 500vdc 1000 -- -- m isolation capacitance input - output, 100khz/0.1v -- 20 -- pf operating temperature derating when operating temperature up to 71 , (see fig. 1) -40 -- 85 storage temperature -55 -- 125 casing temperature rise ta =25 -- 25 -- pin welding resista nce temperature welding spot is 1.5mm away from the casing, 10 seconds -- -- 300 reflow soldering temperature peak temp. 245 , maximum duration time 60s at 217. for actual application, please refer to ipc/jedec j - std - 020d.1. storage humidity n on - conde nsing -- -- 95 % switching frequency 100% load, nominal input voltage -- 100 300 khz mtbf mil - hdfk - 217f@25 3500 -- -- k hours physical specifications casing material black flame - retardant heat - proof epoxy resin (ul94 - v0) package dimensions 15.24* 11. 20 *7.25mm weight 2.0g( typ . ) cooling method free air convection emc specifications emi conducted disturbance cispr22/en55022 class b (see fig. 3 for recommended circuit) radiated emission cispr22/en55022 class b (see fig. 3 for recommended circuit) ems electrostatic discharge iec/en61000 -4 - 2 contact 6 kv perf. criteria b product characteristic curve 1 20 1 00 80 60 40 20 0 - 40 0 40 85 1 20 o utp ut pow e r pe rc e nt ( %) am bient te mp .( ) safe operating area temperature derating graph 71 ' j h if 0505 xt - 1 wr 2 50 55 60 65 70 75 80 85 90 95 100 4 . 75 4 . 8 4 . 9 5 5 . 1 5 . 2 5 . 25 efficie ncy(%) input volta ge (v) efficiency vs input voltage(full load) if 0505 xt - 1 wr 2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficie ncy(%) output curre nt pe rce nta ge(%) effic ie nc y vs output loa d(vin= v in - nomina l ) dc/dc-converter rt3-r10d3wr 1w, fxed input voltage isolated & regulated single output we energize electronics! an acal group company we energize electronics! stand juni 2016 rev 01
rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 3 (4) r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de if 1205xt -1 wr 2 50 55 60 65 70 75 80 85 90 95 100 11 . 4 11. 6 11. 8 12 12 . 2 12 . 4 12 . 6 efficie ncy(%) input volta ge (v) efficiency vs input voltage(full load) if 1205xt -1 wr 2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 efficie ncy(%) output curre nt pe rce nta ge(%) efficiency vs output load(vin = v in - nomina l ) design reference 1. typical application if it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see fig.2. moreover, choosing suitable filter capacitor is very important , start - up problems may be caused by too large capacitance. to ensured the modules running well, the recommended capacitive load values as shown in table 1. vin gnd +vo 0 v dc c in dc c out fig.2 recommended capacitive load value table (table 1) vin(vdc) cin( f ) vo (vdc) cout( f ) 5 4.7 3.3/ 5 10 12 2.2 12 2.2 24 1 15 1 it is not recommen ded to connect any external capacitor when output power is less than 0.5w. 2. emc typical recommended circuit vin gnd +vo 0v dcdc lo a d ld m c1 vin gnd c2 fig. 3 input voltage (v) 5 /12/24 emi c1 4.7 f /50v c2 refer to the cout in fig.2 ldm 6.8 h note: it is not needed to add the component in the peripheral circuit when parameter with the symbol of " -- " 3. output load requirements to ensure the module work efficiently and reliably, during the operation, the min. output load should be no less than 10% of the full load. if the actual output power is low, please connect a resister to the output terminal in parallel, with a recommenced resistance which is 10% of the rated power, and derating is required during operation. 4. for more information please find dc - dc converter application notes on www.rsg - electronic.de rt 3 - 1205s10d 3 wr rt 3 - 1205s10d 3 wr dc/dc-converter -d 1w, fxed input voltage isolated & regulated single output we energize electronics! an acal group company we energize electronics! stand juni 2016 rev 01
r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de dimensions and recommended layout note s: 1. pack ing information please refer to "product packing information". packing bag number: 58210023; 2. if the product is operated out of the min. load requirement, the product performance may not meet all parameter indexes in th is datasheet; 3. the max. capacitive loa d offered is tested at nominal input voltage and full load; 4. unless otherwise specified,parameter indexes in this datasheet is measured under the conditions of ta=25 , humidity<75% with nominal input voltage and rated output load; 5. all testing methods in this datasheet are based on our company s corporate standards; 6. the parameter indexes above are for the modules listed in this datasheet, for non - standard module's pa rameter indexes, please contact our technicians for specific information; 7. we can provide custom design; 8. specifications are subject to change without prior notice. r t 3 - s 1 0 d 3 w r s e r i e s rsg electronic components ? sprendlinger ldstr. 115 ? 63069 offenbach ? phone: +49 69/984047-0 ? info@rsg - electronic.de dimensions and recommended layout note s: 1. pack ing information please refer to "product packing information". packing bag number: 58210023; 2. if the product is operated out of the min. load requirement, the product performance may not meet all parameter indexes in th is datasheet; 3. the max. capacitive loa d offered is tested at nominal input voltage and full load; 4. unless otherwise specified,parameter indexes in this datasheet is measured under the conditions of ta=25 , humidity<75% with nominal input voltage and rated output load; 5. all testing methods in this datasheet are based on our company s corporate standards; 6. the parameter indexes above are for the modules listed in this datasheet, for non - standard module's pa rameter indexes, please contact our technicians for specific information; 7. we can provide custom design; 8. specifications are subject to change without prior notice. rsg electronic components gmbh ?sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ?rsg-electronic.de page 4 (4) dc/dc-converter rt3-s10d3wr 1w, fxed input voltage isolated & regulated single output we energize electronics! an acal group company we energize electronics! dimensions and recommended layout the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28 stand juni 2016 rev 01
|